Part Number Hot Search : 
U1FWJ44M AA1WA OPB704 NTUD3170 40309 MMP7010 P6SMBJ15 0465R
Product Description
Full Text Search
 

To Download EM39LV80090Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
General Description
The EM39LV800 is an 8M bits Flash memory organized as 512K x 16 bits. The EM39LV800 uses 2.7-3.6V power supply for Program and Erase. Featuring high performance Flash memory technology, the EM39LV800 provides a typical Word-Program time of 14 sec and a typical Sector/Block-Erase time of 18 ms. The device uses Toggle Bit or Data# Polling to detect the completion of the Program or Erase operation. To protect against inadvertent write, the device has on-chip hardware and software data protection schemes. The device offers typical 100,000 cycles endurance and a greater than 10 years data retention. The EM39LV800 conforms with the JEDEC standard pin outs for x16 memories. The EM39LV800 is offered in package types of 48-ball FBGA, 48-pin TSOP, and known good dice (KGD). For KGD, please contact ELAN Microelectronics or its representatives for detailed information (see Appendix at the bottom of this specification for Ordering Information). The EM39LV800 devices are developed for applications that require memories with convenient and economical updating of program, data or configuration, e.g., DVD player, DVD R/W, WLAN, Router, Set-Top Box, etc.
Features
Single Power Supply Full voltage range from 2.7 to 3.6 volts for both read and write operations Sector-Erase Capability Uniform 2Kword sectors Block-Erase Capability Uniform 32Kword blocks Read Access Time Access time: 55, 70 and 90 ns Power Consumption Active current: 20 mA (Typical) Standby current: 2 A (Typical) Erase/Program Features Sector-Erase Time: 18 ms (Typical) Block-Erase Time: 18 ms (Typical) Chip-Erase Time: 45 ms (Typical) Word-Program Time: 14s (Typical) Chip Rewrite Time: 8 seconds (Typical) Automatic Write Timing Internal VPP Generation End-of-Program or End-of-Erase Detection Data# Polling Toggle Bit CMOS I/O Compatibility JEDEC Standard Pin-out and software command sets compatible with single-power supply Flash memory High Reliability Endurance cycles: 100K (Typical) Data retention: 10 years Package Option 48-pin TSOP 48-pin FBGA
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 1 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Functional Block Diagram
Flash Mem ory Array
X-Decoder
Mem ory Address
Address Buffer & Latches
Y-Decoder
CE# OE# W E#
Control Logic
I/O Buffers and Data Latches
DQ15-DQ0
Figure 0a: Functional Block Diagram
Pin Assignments
TSOP
A15 A14 A13 A12 A11 A10 A9 A8 NC NC WE# NC NC NC NC A18 A17 A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 A16 NC VSS DQ15 DQ7 DQ14 DQ6 DQ13 DQ5 DQ12 DQ4 VDD DQ11 DQ3 DQ10 DQ2 DQ9 DQ1 DQ8 DQ0 OE# VSS CE# A0
Standard TSOP
Figure 0b: TSOP Pin Assignments
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 2 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
FBGA
FBGA Top View, Balls Facing Down
A13
A12
A14
A15
A16
NC
DQ15
VSS
A9
A8
A10
A11
DQ7
DQ14
DQ13
DQ6
W E#
NC
NC
NC
DQ5
DQ12
VDD
DQ4
NC
NC
A18
NC
DQ2
DQ10
DQ11
DQ3
A7
A17
A6
A5
DQ0
DQ8
DQ9
DQ1
A3
A4
A2
A1
A0
CE#
OE#
VSS
Figure 0c: FBGA Pin Assignments
Pin Description
Pin Name
A0-A18 DQ15-DQ0 CE# OE# WE# VDD VSS NC 19 addresses Data inputs/outputs Chip enable Output enable Write enable 2.7 ~ 3.6 volt single power supply Device ground Pin not connected internally
Function
Table 1: Pin Description
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 3 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Device Operation
The EM39LV800 uses Commands to initiate the memory operation functions. The Commands are written to the device by asserting WE# Low while keeping CE# Low. The address bus is latched on the falling edge of WE# or CE#, whichever occurs last. The data bus is latched on the rising edge of WE# or CE#, whichever occurs first.
Read
The Read operation of the EM39LV800 is controlled by CE# and OE#. Both have to be Low for the system to obtain data from the outputs. CE# is used for device selection. When CE# is high, the chip is deselected and only standby power is consumed. OE# is the output control and is used to gate data from the output pins. The data bus is in high impedance state when either CE# or OE# is high. Refer to the Read Cycle Timing Diagram in Figure 1 for further details.
Word Program
The EM39LV800 is programmed on a word-by-word basis. Before programming, the sector where the word is located must be erased completely. The Program operation is accomplished in three steps: The first step is a three-byte load sequence for Software Data Protection. The second step is to load word address and word data. During the Word Program operation, the addresses are latched on the falling edge of either CE# or WE#, whichever occurs last; and the data is latched on the rising edge of either CE# or WE#, whichever occurs first. The third step is the internal Program operation which is initiated after the rising edge of the fourth WE# or CE#, whichever occurs first. The Program operation, once initiated, will be completed within 20 s. See Figures 2 and 3 for WE# and CE# controlled Program operation timing diagrams respectively and Figure 15 for flowchart. During the Program operation, the only valid reads are Data# Polling and Toggle Bit. During the internal Program operation, the host is free to perform additional tasks. Any command issued during the internal Program operation is ignored.
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 4 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
EM39LV800 Device Operation
Operation
Read Program Erase Standby Write Inhibit Write Inhibit Software Mode Product Identification
CE#
VIL VIL VIL VIH X X VIL
OE#
VIL VIH VIH X VIL X VIL
WE#
VIH VIL VIL X X VIH VIH
DQ
DOUT DIN X
*
Address
AIN AIN Sector or Block address, XXH for Chip-Erase X X X See Table 3
High Z High Z/DOUT High Z/DOUT
* X can be VIL or VIH, but no other value.
Table 2: EM39LV800 Device Operation
Write Command/Command Sequence
The EM39LV800 provides two software methods to detect the completion of a Program or Erase cycle in order to optimize the system write cycle time. The software detection includes two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The End-of-Write detection mode is enabled after the rising edge of WE#, which initiates the internal Program or Erase operation. The actual completion of the write operation is asynchronous with the system; therefore, either a Data# Polling or Toggle Bit read may be simultaneous with the completion of the write cycle. If this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with either DQ7 or DQ6. In order to prevent such spurious rejection, when an erroneous result occurs, the software routine should include an additional two times loop to read the accessed location. If both reads are valid, then the device has completed the write cycle, otherwise the rejection is valid.
Chip Erase
The EM39LV800 provides Chip-Erase feature, which allows the entire memory array to be erased to logic "1" state. The Chip-Erase operation is initiated by executing a six-byte command sequence with Chip-Erase command (10H) at address 5555H in the last byte sequence. The Erase operation begins with the rising edge of the sixth WE# or CE#, whichever occurs first. During the Erase operation, the only valid reads are Toggle Bit and Data# Polling. See Table 3 for the command sequence, Figure 6 for timing diagram, and Figure 17 for the flowchart. Any commands issued during the Chip-Erase operation are ignored.
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 5 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Sector/Block Erase
The EM39LV800 offers both Sector-Erase and Block-Erase modes. The Sector- (or Block-) Erase operation allows the system to erase the device on a sector-by-sector (or block-by-block) basis. The sector architecture is based on uniform sector size of 2 KWord. The Block architecture is based on uniform block size of 32 KWord. The Sector-Erase operation is initiated by executing a six-byte command sequence with Sector-Erase command (30H) and sector address (SA) in the last bus cycle. The Block-Erase operation is initiated by executing a six-byte command sequence with Block-Erase command (50H) and block address (BA) in the last bus cycle. The sector or block address is latched on the falling edge of the sixth WE# pulse, while the command (30H or 50H) is latched on the rising edge of the sixth WE# pulse. The internal Erase operation begins after the sixth WE# pulse. The End-of-Erase operation can be determined by using either Data# Polling or Toggle Bit method. See Figures 7 and 8 for timing waveforms. Any commands issued during the Sector or Block Erase operation are ignored.
Data# Polling (DQ7)
When the EM39LV800 is in the internal Program operation, any attempt to read DQ7 will produce the complement of the true data. Once the Program operation is completed, DQ7 will produce the true data. Note that even though DQ7 may have valid data immediately following the completion of an internal Program operation, the remaining data outputs may still be invalid (valid data on the entire data bus will appear in subsequent successive Read cycles after an interval of 1 s). During internal Erase operation, any attempt to read DQ7 will produce a `0'. Once the internal Erase operation is completed, DQ7 will produce a `1'. The Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector-Erase, Block-Erase, or Chip-Erase, the Data# Polling is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 4 for Data# Polling timing diagram and Figure 14 for a flowchart.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce alternating 1s and 0s, i.e., toggling between 1 and 0. When the internal Program or Erase operation is completed, the DQ6 bit will stop toggling. The device is then ready for the next operation. The Toggle Bit is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector-Erase, Block-Erase or Chip-Erase, the Toggle Bit is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 5 for Toggle Bit timing diagram and Figure 14 for a flowchart.
Data Protection
The EM39LV800 provides both hardware and software features to protect the data from inadvertent write.
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 6 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Hardware Data Protection
Noise/Glitch Protection: VDD Power Up/Down Detection: Write Inhibit Mode: A WE# or CE# pulse of less than 5 ns will not initiate a write cycle. The Write operation is inhibited when VDD is less than 1.5V. Forcing OE# Low, CE# High, or WE# High will inhibit the Write operation. This prevents inadvertent write during power-up or power-down.
Software Data Protection (SDP)
The EM39LV800 provides the JEDEC approved Software Data Protection (SDP) scheme for Program and Erase operations. Any Program operation requires the inclusion of the three-byte sequence. The three-byte load sequence is used to initiate the Program operation, providing optimal protection from inadvertent Write operations, especially during the system power-up or power-down transition. Any Erase operation requires the inclusion of six-byte sequence. See Table 3 for the specific software command codes. During SDP command sequence, invalid commands will abort the device to Read mode within TRC. The contents of DQ15-DQ8 can be VIL or VIH, but no other value, during any SDP command sequence.
Common Flash Memory Interface (CFI)
The EM39LV800 contains the CFI information to describe the characteristics of the device. In order to enter the CFI Query mode, the system must write three-byte sequence, same as Software ID Entry command, with 98H (CFI Query command) to address 5555H in the last byte sequence. Once the device enters the CFI Query mode, the system can read CFI data at the addresses given in Tables 4 through 6. The system must write the CFI Exit command to return to Read mode from the CFI Query mode.
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 7 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Software Command Sequence
Command Sequence
Word Program Sector Erase Block Erase Chip Erase Software ID 5,6 Entry Manufacture ID Manufacture ID Manufacture ID Device ID CFI Query Entry Software ID Exit7/CFI Exit Software ID Exit7/CFI Exit
5
1st Bus Write Cycle
Addr
1
2nd Bus Write Cycle
Addr
1
3rd Bus Write Cycle
Addr
1
4th Bus Write Cycle
Addr WA
1
5th Bus Write Cycle
Addr
1
6th Bus Write Cycle
Addr
1
Data
2
Data
2
Data
2
Data
2
Data
2
Data
2
5555H 5555H 5555H 5555H 5555H 5555H 5555H 5555H 5555H 5555H XXH 5555H
AAH AAH AAH AAH AAH AAH AAH AAH AAH AAH F0H AAH
2AAAH 2AAAH 2AAAH 2AAAH 2AAAH 2AAAH 2AAAH 2AAAH 2AAAH 2AAAH
55H 55H 55H 55H 55H 55H 55H 55H 55H 55H
5555H 5555H 5555H 5555H 5555H 5555H 5555H 5555H 5555H 5555H
A0H 80H 80H 80H 90H 90H 90H 90H 90H 98H
3
Data AAH AAH AAH 2AAAH 2AAAH 2AAAH 55H 55H 55H SAX4 BAX
4
5555H 5555H 5555H
30H 50H 10H
5555H
0000H 0007F 0003H 0007F 0040H 0001F 0001H 0020H
2AAAH
55H
5555H
F0H
Notes: 1. Address format A14-A0 (Hex), Addresses A18-A15 can be VIL or VIH, but no other value, for the Command sequence. 2. DQ15-DQ8 can be VIL or VIH, but no other value, for the Command sequence. 3. WA = Program word address. 4. SAX for Sector-Erase; uses A18-A11 address lines. BAX for Block-Erase; uses A18-A15 address lines. 5. The device does not remain in Software Product ID mode if powered down. 6. Both Software ID Exit operations are equivalent. 7. Refer to Figure 9 for more information.
Table 3: Software Command Sequence
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 8 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
CFI Query Identification String*
Address
10H 11H 12H 13H 14H 15H 16H 17H 18H 19H 1AH
Data
0051H 0052H 0059H 0001H 0007H 0000H 0000H 0000H 0000H 0000H 0000H Primary OEM command set
Data
Query Unique ASCII string "QRY"
Address for Primary Extend Table Alternate OEM command set (00H=none exists) Address for Alternate OEM extended Table (00H=none exists)
* Refer to CFI publication 100 for more details.
Table 4: CFI Query Identification String1
System Interface
Address
1BH 1CH 1DH 1EH 1FH 20H 21H 22H 23H 24H 25H 26H
Data
0027H 0036H 0000H 0000H 0004H 0000H 0004H 0006H 0001H 0000H 0001H 0001H VDD Min (Program/Erase)
Data
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts VDD Max (Program/Erase) DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts VPP min (00H=no VPP pin) VPP max (00H=no VPP pin) Typical time out for Word-Program 2 s (2 =16s) Typical time out for min size buffer program 2N s (00H=not supported) Typical time out for individual Sector/Block-Erase 2N ms (24=16ms) Typical time out for Chip-Erase 2 ms (2 =64ms) Maximum time out for Word-Program 2 times typical (2 x2 =32s) Maximum time out for buffer Program 2N times typical Maximum time out for individual Sector/Block-Erase 2 times typical (21x24=32ms) Maximum time out for Chip-Erase 2 times typical (2 x2 =128ms)
N 1 6 N N 1 4 N 6 N 4
Table 5: System Interface
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 9 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Device Geometry Information
Address
27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 30H 31H 32H 33H 34H
Data
0014H 0001H 0000H 0000H 0000H 0002H 00FFH 0000H 0010H 0000H 000FH 0000H 0000H 0001H
N
Data
Device size=2 Byte (14H=20; 2 =1MByte) Flash Device Interface description; 0001H=x16-only asynchronous interface Maximum number of byte in multi-byte write=2N (00H=not supported) Number of Erase Sector/Block sizes supported by device Sector Information (y+1=Number of sectors; z x 256B=sector size) y=255+1=256 sectors (00FFH=255) z=16 x 256 Bytes=4Kbyte/sector (0010H=16) Block Information (y+1=Number of blocks; z x 256B=block size) y=15+1=16 blocks (000FH=15) z=256 x 256 Bytes=64 Kbyte/block (0100H=256)
20
Table 6: Device Geometry Information
Absolute Maximum Ratings
NOTE Applied conditions greater than those listed under these ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this specification, are not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.
Temperature Under Bias ............................................................ -55C to 125C Storage Temperature .................................................................. -65C to 150C D.C. Voltage on Any Pin to Ground Potential ............................. -0.5 V to VDD+0.5V Transient Voltage (<20ns) on Any Pin to Ground Potential .......... -2.0V to VDD +2.0V Voltage on A9 Pin to Ground Potential ......................................... -0.5 V to 13.2V Package Power Dissipation Capability (Ta=25C)........................ 1.0W Surface Mount Lead Soldering Temperature (3 Seconds)............ 240C Output Short Circuit Current * ...................................................... 50mA
* Output shorted for no more than one second.
No more than one output shorted at a time.
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 10 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Operating Range
Model Name
EM39LV800
Ambient Temperature
0C to +70C
VDD
2.7~3.6V
Table 7: Operating Range
AC Conditions of Test
Input Rise/Fall Time ..................................................................... 5ns Output Load ................................................................................. CL=30pF for 55Rns Output Load ................................................................................. CL=100pF for 70ns/90ns See Figures 14 and 15
DC CHARACTERISTICS (CMOS Compatible)
Parameter Description
Power Supply Current IDD Read Program and Erase ISB ILI ILO VIL VIH VIHC VOL VOH Standby VDD Current Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Input High Voltage (CMOS) Output Low Voltage Output High Voltage
Test Conditions
Address Input =VIL/VIH, at f=1/TRC Min, VDD=VDD Max CE#=OE#=VIL, WE#=VIH, all I/Os open CE#=WE#=VIL, OE#=VIH, CE#=VIHC, VDD=VDD Max VIN=GND to VDD, VDD=VDD Max VOUT=GND to VDD, VDD=VDD Max VDD=VDD Min VDD=VDD Max VDD=VDD Max IOL=100A, VDD=VDD Min IOH=-100A, VDD=VDD Min
Min
Max
Unit
30 30 20 1 10 0.8 0.7 VDD VDD-0.3 0.2 VDD-0.2
mA mA A A A V V V V V
Table 8: DC Characteristics (Cmos Compatible)
Recommended System Power-up Timing
Parameter
TPU-READ* TPU-WRITE*
Description
Power-up to Read Operation Power-up to Program/Erase Operation
Min
100 100
Unit
s s
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 9: Recommended System Power-up Timing
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 11 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Capacitance (Ta=25C, f=1Mhz, other pins open)
Parameter
CI/O* CIN*
Description
I/O Pin Capacitance Input Capacitance
Test Conditons
VI/O=0V VIN=0V
Max
12pF 6pF
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 10: Capacitance (Ta=25C, f=1Mhz, Other Pins Open)
Reliability Characteristics
Symbol
NEND* TDR* ILTH*
Parameter
Endurance Data Retention Latch Up
Min Specification
10,000 10 100+IDD
Unit
Cycles Years mA
Test Method
JEDEC Standard A117 JEDEC Standard A103 JEDEC Standard 78
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 11: Reliability Characteristics
AC Characteristics
Read Cycle Timing Parameters
Symbol
TRC TCE TAA TOE TCLZ* TOLZ* TCHZ* TOHZ* TOH*
Parameter
Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time CE# Low to Active Output OE# Low to Active Output CE# High to High-Z Output OE# High to High-Z Output Output Hold from Address Change
55REC Min
55 55 55 30 0 0 15 15 0
70REC Min
70 70 70 35 0 0 20 20 0
90REC Min
90 90 90 45 0 0 30 30 0
Max
Max
Max
Unit
ns ns ns ns ns ns ns ns ns
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 12a: Read Cycle Timing Parameters
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 12 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Symbol
TRC TCE TAA TOE TCLZ* TOLZ* TCHZ* TOHZ* TOH*
Parameter
Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time CE# Low to Active Output OE# Low to Active Output CE# High to High-Z Output OE# High to High-Z Output Output Hold from Address Change
55EC Min
55 55 55 30 0 0 15 15 0 0 0 0
70EC Min
70 70 70 35 0 0 20 20 0
90EC Min
90 90 90 45
Max
Max
Max
Unit
ns ns ns ns ns ns
30 30
ns ns ns
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 12b: Read Cycle Timing Parameters
Program/Erase Cycle Timing Parameter
Symbol
TBP TAS TAH TCS TCH TOES TOEH TCP TWP TWPH* TCPH* TDS TDH* TIDA* TSE TBE TSCE
Parameter
Word-Program Time Address Setup Time Address Hold Time WE# and CE# Setup Time WE# and CE# Hold Time OE# High Setup Time OE# High Hold Time CE# Pulse Width WE# Pulse Width WE# Pulse Width High CE# Pulse Width High Data Setup Time Data Hold Time Software ID Access and Exit Time Sector Erase Block Erase Chip Erase
Min
0 30 0 0 0 10 45 45 30 30 45 0
Max
20
Unit
s ns ns ns ns ns ns ns ns ns ns ns ns
150 30 30 60
ns ms ms ms
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 13: Program/Erase Cycle Timing Parameter
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 13 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Timing Diagrams
Read Cycle Timing Diagram
TRC A18~A0 CE# TCE TAA
OE#
TOE TOHZ
VIH W E#
TOLZ
TCLZ
TOH Data Valid
TCHZ Data Valid HIGH-Z
DQ15-0
HIGH-Z
Figure 1: Read Cycle Timing Diagram
WE# Controlled Program Cycle Timing Diagram
Internal Program Operation Starts TBP A18~A0 5555 TAH W E# TW P TW PH TAS OE# TDS 2AAA 5555 ADDR TDH
CE# TCS DQ15-0 XXAA SW 0 XX55 SW 1
TCH
XXA0 SW 2
DATA W ORD (ADDR/DATA)
X can be VIL or VIH, but no other value.
Figure 2: WE# Controlled Program Cycle Timing Diagram
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 14 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
CE# Controlled Program Cycle Timing Diagram
Internal Program Operation Starts TBP A18~A0 5555 TAH CE# TCP TCPH TAS OE# TCH TCS DQ15-0 XXAA SW0 XX55 SW1 XXA0 SW2 DATA WORD (ADDR/DATA) X can be VIL or VIH, but no other value. TDS 2AAA 5555 ADDR TDH
WE#
Figure 3: CE# Controlled Program Cycle Timing Diagram
Data# Polling Timing Diagram
A18~A0 TCE CE# TOEH OE# TOE W E# TOES
DQ7
DATA
DATA#
DATA#
DATA#
Figure 4: Data# Polling Timing Diagram
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 15 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Toggle Bit Timing Diagram
A18~A0 TCE CE# TOEH OE# W E# DQ6 Two Read Cycles W ith Sam e Outputs TOE TOES
Figure 5: Toggle Bit Timing Diagram
WE# Controlled Chip-Erase Timing Diagram
Six-Byte Code For Chip-Erase
TSCE 5555
A18~A0 CE# OE#
5555
2AAA
5555
5555
2AAA
TWP WE# DQ15-0 XXAA SW0 XX55 SW1 XX80 SW2 XXAA SW3 XX55 SW4 XX10 SW5
Note: This device also supports CE# controlled Chip-Erase operation. The WE#and CE# signals are interchageable as long as minimum timings are met. (See Table 13). (See Table 14) X can be VIL or VIH, but no other value.
Figure 6: WE# Controlled Chip-Erase Timing Diagram
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 16 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
WE# Controlled Block-Erase Timing Diagram
Six-Byte Code For Block-Erase
TBE BAX
A18~A0 CE# OE#
5555
2AAA
5555
5555
2AAA
TWP WE# DQ15-0 XXAA SW0 XX55 SW1 XX80 SW2 XXAA SW3 XX55 SW4 XX50 SW5
Note: This device also supports CE# controlled Block-Erase operation. The WE#and CE# signals are interchageable as long as minimum timings are met.(See Table 13). (See Table 14) BAX=Block Address X can be VIL or VIH, but no other value.
Figure 7: WE# Controlled Block-Erase Timing Diagram
WE# Controlled Sector-Erase Timing Diagram
Six-Byte Code For Sector-Erase
TSE SAX
A18~A0 CE# OE#
5555
2AAA
5555
5555
2AAA
TWP WE# DQ15-0 XXAA SW0 XX55 SW1 XX80 SW2 XXAA SW3 XX55 SW4 XX30 SW5
Note: This device also supports CE# controlled Sector-Erase operation. The WE#and CE# signals are interchageable as long as minimum timings are met. (See Table 13). (See Table 14) SAX=Sector Address X can be VIL or VIH, but no other value.
Figure 8: WE# Controlled Sector-Erase Timing Diagram
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 17 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Software ID Entry and Read
Three-Byte Sequence For Software ID Entry Address A14-0 CE# OE# TW P W E# TW PH DQ15-0 XXAA XX55 XX90 SW 0 SW 1 SW 2 Device ID=0020H X can be VIL or VIH, but no other value. 1=007FH, 2=007FH, 3=001FH TIDA TAA 1 2 3
0020H
5555
2AAA
5555
0000H 0003H 0040H 0001H
Figure 9: Software ID Entry and Read
CFI Query Entry and Read
Three-Byte Sequence For CFI Query Entry Address A14-0 CE# OE# TW P W E# TW PH DQ15-0 XXAA SW 0 XX55 SW 1 XX98 SW 2 TIDA TAA 5555 2AAA 5555
X can be VIL or VIH, but no other value.
Figure 10: CFI Query Entry and Read
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 18 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Software ID Exit/CFI Exit
Three-Byte Sequence For Software ID Entry Address A14-0 DQ15-0 CE# OE# TWP WE# SW0 TWPH SW1 SW2 5555 XXAA 2AAA XX55 5555 XXF0 TIDA
X can be VIL or VIH, but no other value.
Figure 11: Software ID Exit/CFI Exit
AC Input/Output Reference Waveforms
VIHT Input VILT AC test inputs are driven at VIHT (0.9 VDD) for a logic "1" and VILT(0.1 VDD) for a logic "0". Measurement reference points for inputs and outpputs are VIT(0.5 VDD) and VOT(0.5 VDD). Input rise and fall times(10% - 90% ) are <5ns VIT Reference Points VOT Output
Note: VIT = Vinput Test VOT = Voutput Test VIHT = Vinput HIGH Test VILT = Vinput LOW Test
Figure 12: AC Input/Output Reference Waveforms
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 19 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
A Test Load Example
TO TESTER
TO DUT CL
Figure 13: A Test Load Example
Flow Charts
Wait Options
Internal Timer Progrm/Erase Initiated Toggle Bit Progrm/Erase Initiated Data# Polling Progrm/Erase Initiated
Wait TBP, TSCE, TSE or TBE
Read Word
Read DQ7
Progrm/Erase Completed
Read Same Word
Is DQ7=true data? Yes
No
Does DQ6 match? Yes Progrm/Erase Completed
No
Progrm/Erase Completed
Figure 14: Wait Options
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 20 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Word-Program Algorithm
Start
Load Data: XXAAH Address: 5555H
Load Data: XX55H Address: 2AAAH
Load Data: XXA0H Address: 5555H
Load Word Address/Word Data
Wait for end of Program (TBP, Data# Polling bit, or Toggle bit operation)
Program Completed
X can be VIL or VIH, but no other value.
Figure 15: Word-Program Algorithm
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 21 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Software ID/CFI Command Flowcharts
CFI Query Entry Command Sequence Load Data: XXAAH Address: 5555H Software ID Entry Command Sequence Load Data: XXAAH Address: 5555H Software ID Exit/CFI Exit Command Sequence Load Data: XXAAH Address: 5555H Load Data: XXF0H Address: XXH
Load Data: XX55H Address: 2AAAH
Load Data: XX55H Address: 2AAAH
Load Data: XX55H Address: 2AAAH
Wait TIDA
Load Data: XX98H Address: 5555H
Load Data: XX90H Address: 5555H
Load Data: XXF0H Address: 5555H
Return to Normal Operation
Wait TIDA
Wait TIDA
Wait TIDA
Read CFI Data
Read Software ID
Return to Normal Operation
X can be VIL or VIH, but no other value.
Figure 16: Software ID/CFI Command Flowcharts
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 22 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Erase Command Sequence
Chip-Erase Command Sequence Load Data: XXAAH Address: 5555H Sector-Erase Command Sequence Load Data: XXAAH Address: 5555H Block-Erase Command Sequence Load Data: XXAAH Address: 5555H
Load Data: XX55H Address: 2AAAH
Load Data: XX55H Address: 2AAAH
Load Data: XX55H Address: 2AAAH
Load Data: XX80H Address: 5555H
Load Data: XX80H Address: 5555H
Load Data: XX80H Address: 5555H
Load Data: XXAAH Address: 5555H
Load Data: XXAAH Address: 5555H
Load Data: XXAAH Address: 5555H
Load Data: XX55H Address: 2AAAH
Load Data: XX55H Address: 2AAAH
Load Data: XX55H Address: 2AAAH
Load Data: XX10H Address: 5555H
Load Data: XX30H Address: SAX
Load Data: XX50H Address: BAX
Wait TSCE
Wait TSE
Wait TBE
Chip Erased to FFFFH
X can be VIL or VIH, but no other value.
Sector Erased to FFFFH
Block Erased to FFFFH
Figure 17: Erase Command Sequence
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 23 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
Appendix
ORDERING INFORMATION (Standard Products)
The order number is defined by a combination of the following elements.
EM39LV800 -70 M Description Package Type (1 digit)
M Y H D 55R 70 90 ** **R = TSOP (Type 1, die up, 12mm x 20mm) = FBGA (0.8mm pitch, 6mm x 8mm) = Chip Form = Known Good Dice (for wafer dice sell) = 55ns = 70ns = 90ns = VDD = 2.7-3.6V = VDD=3.0-3.6V
Speed Option (2-3 digits)
Device Number/Description
EM39LV800 8 Megabit (512K x 16-Bit) Flash Memory 2.7-3.6 Volt only Read, Program, and Erase
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 24 of 25
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
ORDERING INFORMATION (Non-Standard Products)
For Know Good Dice (KGD), please contact ELAN Microelectronics at the following contact information or its representatives.
ELAN MICROELECTRONICS CORPORATION
Headquarters: No. 12, Innovation Road 1 Science-based Industrial Park Hsinchu, Taiwan, R.O.C. 30077 Tel: +886 3 563-9977 Fax: +886 3 563-9966 http://www.emc.com.tw Hong Kong: Elan (HK) Microelectronics Corporation, Ltd. Rm. 1005B, 10/F Empire Centre 68 Mody Road, Tsimshatsui Kowloon , HONG KONG Tel: +852 2723-3376 Fax: +852 2723-7780 elanhk@emc.com.hk USA: Elan Information Technology Group 1821 Saratoga Ave., Suite 250 Saratoga, CA 95070 USA Tel: +1 408 366-8223 Fax: +1 408 366-8220
Europe: Elan Microelectronics Corp. (Europe) Dubendorfstrasse 4 8051 Zurich, SWITZERLAND Tel: +41 43 299-4060 Fax: +41 43 299-4079 http://www.elan-europe.com
Shenzhen: Elan (Shenzhen) Microelectronics Corp., Ltd. SSMEC Bldg., 3F, Gaoxin S. Ave. Shenzhen Hi-Tech Industrial Park Shenzhen, Guandong, CHINA Tel: +86 755 2601-0565 Fax: +86 755 2601-0500
Shanghai: Elan Electronics (Shanghai) Corporation, Ltd. 23/Bldg. #115 Lane 572, Bibo Road Zhangjiang Hi-Tech Park Shanghai, CHINA Tel: +86 021 5080-3866 Fax: +86 021 5080-4600
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 25 of 25


▲Up To Search▲   

 
Price & Availability of EM39LV80090Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X